Part Number Hot Search : 
Z8681B1 SMC130C 8599B 4742A 15757F 12XXX CAT523LI TLP3545
Product Description
Full Text Search
 

To Download BZX55C150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX55C2V4 ~ BZX55C200
VZ : 2.4 - 200 Volts PD : 500 mW
SILICON ZENER DIODES
DO - 35
1.00 (25.4) min.
0.079(2.0 )max.
FEATURES :
* * * * * Complete 2.4 to 200 Volts High surge current capability High peak reverse power dissipation High reliability Low leakage current
0.150 (3.8) max.
0.020 (0.52)max.
1.00 (25.4) min.
Dimensions in inches and ( millimeters )
MECHANICAL DATA
* Case : Molded glass * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Polarity : Color band denotes cathode end. When operated in zener mode, cathode will be positive with respect to anode * Mounting position : Any * Weight : 0.13 gram
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Rating
Power Dissipation (Note) Maximum Forward Voltage at I F =100 mA Maximum Thermal Resistance Junction to Ambient Air (Note1) Junction Temperature Range Storage Temperature Range
Symbol
PD VF RJA Tj Ts
Value
500 1.0 0.3 - 55 to + 175 - 55 to + 175
Unit
mW V K / mW C C
Note : 1. Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
UPDATE : JANUARY 18, 2002
ELECTRICAL CHARACTERISTICS
TYPE Number
BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 BZX55C3V9 BZX55C4V3 BZX55C4V7 BZX55C5V1 BZX55C5V6 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 BZX55C43 BZX55C47 BZX55C51 BZX55C56 BZX55C62 BZX55C68 BZX55C75 BZX55C82 BZX55C91 BZX55C100 BZX55C110 BZX55C120 BZX55C130 BZX55C150 BZX55C160 BZX55C180 BZX55C200 Nom (V) 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200
Rating at = 25 C ambient temperature unless otherwise specified
Zener Voltage VZ @ I ZT
1)
Maximum Zener Impedance
IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 1 1 1 1 1 1 1 1 1 ZZT @ IZT (Ohms) 85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 200 250 300 450 450 600 800 950 1250 1400 1700 2000 ZZk @ IZK (Ohms) 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 500 600 700 700 1000 1000 1000 1500 2000 5000 5000 5500 6000 6500 7000 8500 10000 IZK (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Maximum Reverse Leakage Current
IR (A) 50 10 4 2 2 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 IR at VR (A) (V) 100 1 50 1 40 1 40 1 40 1 40 1 20 1 10 1 2 1 2 1 2 2 2 3 2 5 2 6.2 2 6.8 2 7.5 2 8.2 2 9.1 2 10 2 11 2 12 2 13 2 15 2 16 2 18 2 20 2 22 2 24 2 27 5 30 5 33 5 36 10 39 10 43 10 47 10 51 10 56 10 62 10 68 10 75 10 82 10 91 10 100 10 110 10 120 10 130 10 150
2)
Temp. coefficient of Zener Voltage TK VZ (% / K) -0.09...-0.06 -0.09...-0.06 -0.08...-0.05 -0.08...-0.05 -0.08...-0.05 -0.08...-0.05 -0.06...-0.03 -0.05...+0.02 -0.02...+0.02 -0.05...+0.05 0.03...0.06 0.03...0.07 0.03...0.07 0.03...0.08 0.03...0.09 0.03...0.10 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12 0.05...0.12
Min (V) 2.28 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94 104 114 124 138 153 168 188
2)
Max (V) 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 87 96 106 116 127 141 156 171 191 212
2)
Note 1) Tested with pulses tp = 20 ms 2) Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case


▲Up To Search▲   

 
Price & Availability of BZX55C150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X